Part Number Hot Search : 
WM2606 AN6552S AN413 40A4354S MC33972 2SA10 CB2012T 3XB105M
Product Description
Full Text Search
 

To Download DPD0900A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D-SUBMINIATURE
Adam Technologies, Inc.
DUAL PORT, STACKED, RIGHT ANGLE
DDP SERIES
INTRODUCTION: Adam Tech Dual Port D-Sub connectors are a popular space saving interface for many I/O applications. Offered in 9, 15, 25, 37 and 50 positions they are a good choice for a low cost industry standard connection and are ideal for PCB space saving applications. These connectors are manufactured with precision stamped contacts and are available in a number of connector combinations including same and mixed gender, mixed density and mixed interface. Options include a choice of contact plating and a variety of mating, mounting and grounding options. FEATURES: Stacked space saving design Industry standard compatibility Durable metal shell design Precision formed contacts Variety of Mating and mounting options MATING CONNECTORS: Adam Tech D-Subminiatures and all industry standard D-Subminiature connectors. SPECIFICATIONS: Material: Insulator: PBT, 30% glass reinforced, rated UL94V-0 Insulator Color: Black Contacts: Phosphor Bronze Shell: Steel, Tin or Zinc plated Hardware: Brass, Nickel plated Contact Plating: Gold Flash (15 and 30 in Optional) over Nickel underplate overall. Electrical: Operating voltage: 250V AC / DC max. Current rating: 5 Amps max. Contact resistance: 20 m max. initial Insulation resistance: 5000 M min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Insertion force: 0.75 lbs max Extraction force: 0.44 lbs min Temperature Rating: Operating temperature: -65C to +125C PACKAGING: Anti-ESD plastic trays APPROVALS AND CERTIFICATIONS: UL Recognized File No. E224053 CSA Certified File No. LR1578596
ORDERING INFORMATION DPD 25 10 B 3
BOARD MOUNTING OPTIONS 1 = Through holes only 2 = #4-40 threaded holes 3 = Forked board locks
SERIES INDICATOR DPD = Stacked, Dual Port D-Sub
POSITIONS 09 = 9 Position 15 = 15 Position 25 = 25 Position 37 = 37 Position 50 = 50 Position X/X = Mixed positions customer specified
PORT SPACING A = .900" (Dim. "E") B = .750" (Dim. "E") C = .625" (Dim. "E")
TOP / BOTTOM GENDER 10 = Plug top, receptacle bottom 11 = Plug top and bottom 01 = Receptacle top, plug bottom 00 = Receptacle top and bottom
Pb
UL
(R)
(R)
(R)
E DCOMPLIANT
2002 / 95 / EC
RoHS V
OPTIONS: Add designator(s) to end of part number 15 = 15 in gold plating in contact area 30 = 30 in gold plating in contact area JS = #4-40 Jackscrews installed R = Rear boardlocks only F = Four prong board lock
98
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
RoHS
COMPLIANT
D-SUBMINIATURE
Adam Technologies, Inc.
DUAL PORT, STACKED RIGHT ANGLE
DUAL PORT, STACKED RIGHT ANGLE
DDP SERIES
A B C
1.00 [25.5] .236 [6.0]
E
D
.118 [3.0] .112 [2.84]
.109 [2.77]
#4-40 UNC
.32 [8.1]
.112 [2.84]
See page 100 for examples of various types we manufacture
Unit: Inch [mm] PLUG Positions A 9 15 25 37 50 .666 [16.92] .994 [25.25] 1.534 [38.96] 2.182 [55.43] 2.079 [52.81] A .643 [16.33] .971 [24.66] 1.511 [38.38] 2.159 [54.84] 2.064 [52.43] B .984 [24.99] 1.312 [33.32] 1.852 [47.04] 2.500 [63.50] 2.406 [61.11] C 1.213 [30.81] 1.541 [39.14] 1.394 [35.41] 2.088 [53.04] 2.729 [69.32] 2.637 [67.00] 1.244 [31.60] 1.119 [28.42] .750 [19.05] .625 [15.88] D PORT HEIGHTS E PORT TO PORT CENTERLINE .900 [22.86] SOCKET DIMENSIONS
909 Rahway Avenue * Union, New Jersey 07083 * T: 908-687-5000 * F: 908-687-5710 * WWW.ADAM-TECH.COM
99


▲Up To Search▲   

 
Price & Availability of DPD0900A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X